Part Number Hot Search : 
MN15843 PCK3807A PMX1GJ OP216C MC380A2 VN2210 CM3001 HCT1G
Product Description
Full Text Search
 

To Download AMR2803R3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07/25/03 www.irf.com 1 advanced analog radiation tolerant dc/dc converters description  30 watts output power  available in 3.3, 5, 12 and 15 volt outputs  18 - 40 vdc input range (28 vdc nominal)  total ionizing dose > 25krads (si)  no see to let > 60 mev-cm 2 /mg  -55c to +125c operating range  indefinite short circuit protection  external synchronization  shutdown from external signal  flexible mounting  fully isolated - input to output and to case  complimentary emi filter available  electrical performance similar to atr28xxs series features amr 28v input, single output the amr28xxs series of dc/dc converter modules has been specifically designed for operation in moder- ate radiation environments supplementing the higher radiation performance available in the advanced ana- log art2815t converter series. environments pre- sented to space vehicles operating in low earth orbits, launch boosters, orbiting space stations and similar applications requiring a low power, high performance converter with moderate radiation hardness perfor- mance will be optimally served by the amr28xxs se- ries. the amr28xxs has been designed for high density using chip and wire hybrid technology that complies with the class h requirements of mil-prf-38534. fin- ished product are fabricated in a facility fully qualified to mil-prf-38534. the standard processing adopted for the amr2805s meets the requirements of mil-prf- 38534 for class h but with enhanced screening steps and includes element evaluation. applicable generic lot qualification test data including radiation perfor- mance can be made available on request. consult advanced analog for special requirements. amr28xxs series pd - 94691 the physical configuration of the amr28xxs series permits mounting directly to a heat conduction surface without the necessity of signal leads penetrating the heat sink surface. this package configuration permits greater independence in mounting and more secure mechanical attachment than traditional radially leaded packages. advanced analog?s rugged ceramic seal pins are used exclusively in the package thereby as- suring long term hermeticity.
2 www.irf.com amr28xxs series specifications for notes to specifications, refer to page 4   
 

              
        

    
  
  
  
   
  
  
  
                                                            


    
  
  
  
                                 

   
          !"#       $ $ 

      
  
  
  
            %$&'
&'            ((   ((   ((   ((  

 
      
  
  
  
    
  
  
  
                        !"#!"#                                       static characteristics -55c t case +125c, v in =28 v dc 5%, c l =0, unless otherwise specified.  

  )"* "* +,-./.0/0 # *1) "  2.3 4#  "*."1) "   2., 2. !       )"* "* ,,-. )(5  6" 7" $ ) "*."1) "  +2.,2.
www.irf.com 3 amr28xxs series static characteristics (continued) -55c t case +125c, v in =28 v dc 5%, c l =0, unless otherwise specified. for notes to specifications, refer to page 4   
 

              

   86"#
  
  
  
    9#               9)     9 #)                                
 
        ! "#%$&'
&'         ((  "##!!$  
  
  
  
  
  
  
  
               !"#                ! ! ! ! ! ! ! !     )) ":)4" /;4)4"* #)0" #4   
?   !%     8334#4) 3 "4    < & !
 '             5" !&()
!$   !"#    =&' $!()
!$  !"#    =&' *( 
6+&-%=+<8 <>14 2.    =  +&      *
4 www.irf.com amr28xxs series dynamic characteristics -55c t case +125c, v in =28 v dc 5%, c l =0, unless otherwise specified. 1 parameter guaranteed by line and load regulation tests. 2 bandwidth guaranteed by design. tested for 20 khz to 2 mhz. 3 output voltage measured at load with remote sense leads connected across load. 4 capacitive load may be any value from 0 to the maximum limit without compromising dc performance. a capacitive load in exce ss of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuit ry, appearing as a short circuit during turn on. 5 parameter shall be tested as part of design characterization and after design or process changes. parameters shall be guara nteed to the limit specified in electrical specifications. 6 load step transition time between 2 and 10 microseconds. 7 recovery time is measured from the initiation of the transient to where v out has returned to within 1 % of v out at 50 percent load. 8 input step transition time between 2 and 10 microseconds. 9 turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal fro m the inhibit pin while power is applied to the input. notes to specifications   
 

              

      &  
  
  
  
   
  
  
  
              6"#)!  !     6"#)!  !  + + + +  + + + +   , , , ,  , , , ,   )?   )?    )?   )?    )?   )?   )?   )?  ! %$,   &     6"#)!  !  6"#)!  !       

    &  
  
  
  
       ))3 @#4 !"#  + + + +    , , , ,   )?  )?   )?   )?  ! %$   &     ))3 @#4 !"#       
%&   
  
  
  
        !"#!"#             )?   )?   )?   )?  
'$       !"#!"#      & !
! %$              
www.irf.com 5 amr28xxs series amr28xxs block diagram application information inhibit function emi filter device synchronization 8 7 +vout return pulse width modulator primary housekeeping supply emi filter under-voltage detector 1 3 10 2 +input enable sync input return error amp & ref 9 6 +sens e -sens e fb cs drive connecting the inhibit input to input common will cause the converter to shut down. it is recommended that the inhibit pin be driven by an open collector device capable of sinking at least 400 a of current. the open circuit voltage of the inhibit input is 10.0 +1 v dc . an optional emi filter is available (afh461) that will reduce the input ripple current to levels below the limits imposed by mil-std-461 ce03. when multiple dc/dc converters are utilized in a single system, significant low frequency noise may be generated due to a small difference in the switch- ing frequency of the converters (beat frequency noise). because of the low frequency nature of this noise (typically less than 10 khz), it is difficult to filter out and may interfere with proper operation of sensitive systems (communication, radar or telem- etry). advanced analog provides synchronization of multiple amr type converters to match switching frequency of the converter to the frequency of the system clock, thus eliminating this type of noise. mtbf vs case temperature for AMR2803R3S 0.00e+00 2.00e+05 4.00e+05 6.00e+05 8.00e+05 1.00e+06 1.20e+06 1.40e+06 1.60e+06 0 20 40 60 80 100 120 case temperature, deg c mtbf
6 www.irf.com amr28xxs series standard process screening for amr28xxs series radiation specification           $      1"'*-
6+ 1-+ 
# ) "*9""))## *;)     = "# / 0 &"a: / *a3340 %86-""#b "3b "    
 ? 4  @* )
  - '-../ &  "  (&  0123 1) "  "*  + ., . + ., . cca""  8
6+( <+   3 ."&  ""   "#" # d 1) " .:4  + .#. ." 44 "  + .# / *0 (8-  + .#  % +>e.  &     c4 4"  8@  b )  9* ) % +  8@   >, . <"c4 4"/b ) 0 "#f 4 #-""
6+( <+   + ., ., . + ., ., .  (- /2. 3"0 8@  ! "#* ")4)4  8@  d <fb 6"?  .#. .# . c; ""   "#" # d
www.irf.com 7 amr28xxs series world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 advanced analog: 2270 martin av., santa clara, california 95050, tel: (408) 727-0500 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 07/03 2.14 0.410 max 0.220 0.050 123 5 0.800 1.200 1.600 0.400 610 9 8 7 0.040 d x 0.26 l pins r 0.15 typ ? 0.125 3 places 2.440 1.230 1.53 0.420 2.74 ref 0.150 typ amr28xxs case outline  4 '   (a)  )    c"9    ."      )    (a)  (a   :4 '") part numbering pin designation tolerance unless otherwise specified: x.xx 0.010 x.xxx 0.005 amr 28 05 s / em model input volta g e 28 = 28v nominal outputs s = single, d = dual t = triple output volta g e 03r3 = 3.3v, 05 = 5v, 12 = 12v, 15 = 15v screenin g blank = flight model / em = engineering model


▲Up To Search▲   

 
Price & Availability of AMR2803R3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X